PART |
Description |
Maker |
LRMAM1206-R01FT4 LRMAM1206-R01FT5 LRMAM1206-R01JT4 |
Low Resistance Metal Alloy Resistor
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
DFE201610E-1R0M DFE201610E-2R2M DFE201610E-R68M DF |
The use of Flat wire for Low DC resistance Metal Alloy Inductors
|
TOKO, Inc
|
5704-RC 5705-RC 5711-RC 5717-RC 5706-RC 5707-RC 57 |
CHOKE RF HI CURR 275UH 15% RAD 1 ELEMENT, 275 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 450 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 50 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:500uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4A; DC Resistance Max:0.12ohm; Leaded Process Compatible:Yes 1 ELEMENT, 500 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:25uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:9A; DC Resistance Max:0.012ohm; Leaded Process Compatible:Yes 1 ELEMENT, 25 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:75uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5A; DC Resistance Max:0.04ohm; Leaded Process Compatible:Yes 1 ELEMENT, 75 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 800 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:150uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.75A; DC Resistance Max:0.046ohm; Leaded Process Compatible:Yes 1 ELEMENT, 150 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 1250 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:1.6mH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:1.5A; DC Resistance Max:1.27ohm; Leaded Process Compatible:Yes 1 ELEMENT, 1600 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
MAX991 MAX991ESA MAX991EUA MAX992 MAX992ESA MAX992 |
High-Speed / Micropower / Low-Voltage / SOT23 / Rail-to-Rail I/O Comparators Wirewound Potentiometer; Series:LW; Track Resistance:1ohm; Resistance Tolerance: /- 10%; Power Rating:5W; Operating Temperature Range:-30 C to 105 C; Resistor Element Material:Wirewound; Adjustment Type:Knob; No. of Turns:1 RoHS Compliant: Yes Wirewound Potentiometer; Series:LW; Track Resistance:50ohm; Resistance Tolerance: /-10%; Power Rating:5W; Operating Temperature Range:-30 C to 105 C; Resistor Element Material:Wirewound; Adjustment Type:Knob; No. of Turns:1 RoHS Compliant: Yes High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators High-Speed, Micropower, Low-Voltage,SOT23, Rail-to-Rail I/O Comparators
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LRC20-391K-RC LRC20-560K-RC LRC20-561K-RC LRC20-3R |
1 ELEMENT, 3.3 uH, GENERAL PURPOSE INDUCTOR, SMD Low Resistance Chip Inductors 1 ELEMENT, 6.8 uH, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1210, ROHS COMPLIANT
|
Allied Components Inter... Allied Components International
|
EP9315-EBZ EP9315-CBZ EP9315-IBZ |
Metal Strip Resistor; Series:WSL; Resistance:0.003ohm; Resistance Tolerance: /- 1 %; Power Rating:0.25W; Temperature Coefficient: /-150 ppm; Package/Case:1206; Terminal Type:PCB Surface Mount; Leaded Process Compatible:Yes Enhanced Universal Platform System-on-Chip Processor 增强型通用平台上系统芯片处理器
|
Cirrus Logic, Inc.
|
AP2R803GH-HF14 |
Low On-resistance Low On-resistance, Simple Drive Requirement
|
Advanced Power Electronics Corp. Advanced Power Electron...
|
BR-BX11V1-12V BR-B2134-12V BR-B21V1-12V BR-B31V1-1 |
Metal Oxide Resistor; Series:MP800; Resistance:15ohm; Resistance Tolerance: /- 1 %; Power Rating:20W; Temperature Coefficient:-20 to 50 ppm/ C; Terminal Type:Radial Leaded; Package/Case:2-TO-220; Voltage Rating:300V 电阻LED节能灯(圆形类型 RESISTOR LED LAMPS (ROUND TYPES) 电阻LED节能灯(圆形类型 MOSFET N-CH 600V 26A PLUS220-SMD Metal Oxide Resistor; Series:MP800; Resistance:16ohm; Resistance Tolerance: /- 1 %; Power Rating:20W; Temperature Coefficient:-20 to 50 ppm/ C; Terminal Type:Radial Leaded; Package/Case:2-TO-220; Voltage Rating:300V
|
?╁??′唤?????? Yellow Stone, Corp. 早安股份有限公司 YSTONE[Yellow Stone Corp]
|
ABL-20.0000MHZ-20-R050-A-4-U-I-T ABL-12.0000MHZ-R0 |
QUARTZ CRYSTAL RESONATOR, 20 MHz ROHS COMPLIANT, RESISTANCE WELDED, METAL PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 12 MHz ROHS COMPLIANT, RESISTANCE WELDED, METAL PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 16 MHz ROHS COMPLIANT, RESISTANCE WELDED, METAL PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 14.7456 MHz ROHS COMPLIANT, RESISTANCE WELDED, METAL PACKAGE-2
|
Abracon, Corp. ABRACON CORP
|
CHF2525CNT500LW CHF2525CNT500LX |
RESISTOR, 50 OHM 40W DC-9GHZ; Series:CHF2525; Resistance:50R; Tolerance, resistance: /-5%; Power rating:40W; Resistor element type:Thick Film; Case style:2525; Length / Height, external:6.35mm; Tolerance, :5%; Tolerance, -:5%; RoHS Compliant: Yes 9 GHz 40 W Termination Chip
|
BOURNS INC Bourns Electronic Solutions
|